Part Number Hot Search : 
DS2119ME CY3146 TD6347 AR1F3P PDTC1 K1906 NJM2110 A2724
Product Description
Full Text Search
 

To Download L203011MS02B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K L Series Miniature Slide Switches
Features/Benefits * Positive detent * Enclosed housing * Maintained and momentary functions * PC and panel mounting * RoHS compliant Typical Applications * Communications equipment * Lighting devices
Models Available
Specifications
Materials
HOUSING: 6/6 nylon (UL94V-2), black. ACTUATOR: 6/6 nylon (UL94V-2), black. `13' actuator, natural (standard). CONTACTS: Q contact material: Copper, silver plated. See page J-22 for additional contact materials. TERMINALS: Q contact material: Copper, silver plated. See page J-22 for additional contact materials. CONTACT SPRING: Music wire or stainless steel. TERMINAL SEAL: Epoxy.
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
J Slide
CONTACT RATING: Q contact material (LX0X, LX1X Models): 4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC; 0.5 AMP @ 125 V DC (UL/CSA). See page I-23 for additional ratings. ELECTRICAL LIFE: 10,000 make-and-break cycles at full load. CONTACT RESISTANCE: Below 10 m typ. initial @ 2-4 V DC, 100 mA, for both silver and gold plated contacts. INSULATION RESISTANCE: 109 min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level. OPERATING TEMPERATURE: -30C to +65C STORAGE TEMPERATURE: -30C to +85C
NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages J-19 through J-23. For additional options not shown in catalog, consult Customer Service Center.
Switch Function L202 DPDT L203 DP3T L101 SPST L102 SPDT L103 SP3T L104 SP4T L112 SPDT, mom. L113 SP3T, mom. to one end L123 SP3T, mom. to both ends L201 DPST L204 DP4T L212 DPDT, mom.
Actuator 01 .200" high 02 .335" high 03 .375" high 05 .312" high 11 .100" high 12 Screwdriver slot 13 Plunger without cap 14 Plunger with .200" dia. cap 15 Plunger with .310" dia. cap 17 Plunger with .458" dia. cap 19 Plunger with .590" dia. cap Detent 1 With detent 2 Without detent Mounting Style MS PC Thru-hole MA Right angle, PC thru-hole ML Right angle, PC thru-hole MV Right angle, PC thru-hole SS Panel with mounting ears TS Panel with integral mounting ears
Terminations 02 PC Thru-hole 01 Solder lug with notch 03 Solder lug with hole 04 PC Thru-hole 10 PC Thru-hole 06 Wire wrap 12 PC Thru-hole
Contact Material Q Silver B Gold G Gold over silver Seal NONE No seal E Epoxy seal
Cap Color 2 Black NONE No cap
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
J-18
www.ittcannon.com
C&K L Series Miniature Slide Switches
SWITCH AND LOCK FUNCTION
NO. POLES MODEL NO. AVAILABLE MOUNTING STYLES ML, MS, SS NO. POLES MODEL NO. SWITCH FUNCTION AVAILABLE MOUNTING STYLES
SWITCH FUNCTION SPST
SCHEMATIC
SCHEMATIC
L101 L102 L112
SP
L201
DPST
MA, MS, SS
SPDT 123
ML, MS, SS
SPDT-MOM.
ML, MS,MV, SS
L202
DPDT
MA, MS, SS
L103 L113 L123 L104
SP3T
MA, MS, TS DP
L212
DPDT-MOM.
MV
SP3T-MOM. to one end
MA, MS, TS
J
L203
DP3T MS, TS
SP3T-MOM. to both ends
MA, MS, TS
Slide
SP4T
MS
L204
NOTE: and MOM. in table indicates momentary action. All models with all options when ordered with `G' or `Q' contact material. only.
DP4T
MS
Models with `01' termination option Contacts make on side actuator thrown.
CAP COLOR
ACTUATOR
ACTUATOR
ACTUATOR OPTIONS FOR `MS, MA, ML, SS, & TS' MOUNTING STYLES
01
.200" HIGH
02
.335" HIGH
03
.375" HIGH
05
.312" HIGH
11
.100" HIGH
12
SCREWDRIVER SLOT
NOTE: No actuator color option code is required. Standard actuator color is black, other colors and heights available, consult Customer Service Center. See pages J-20 and J-22 for available mounting styles.
ACTUATOR OPTIONS FOR `MV' MOUNTING STYLE
13
PLUNGER WITHOUT CAP
14
PLUNGER WITH CAP
15
PLUNGER WITH CAP
Cap part number 7089
Cap part number 8018
OPTION CODE
ACTUATOR CAP COLORS BLACK
17
PLUNGER WITH CAP
19
PLUNGER WITH CAP
2 NONE
01-13, 23 ACTUATORS
Other colors available, consult Customer Service Center. Cap part number 7982 Cap part number 8940
ACTUATOR CAPS
Caps supplied are not installed standard. To order actuator options `14 thru 29,' select desired cap color from chart and place option code in last box of ordering format. Leave box empty for all other actuator options. Caps may also be ordered separately and user installed, see pages J-23 and J-24. Specify the four digit part number and desired cap color. For switches without caps, order `13' or `23' actuator option. Cap finish: gloss (excluding square cap part number 7982, finish: matte).
SPLASH CAPS
New protective splash caps for PC mounted slide switches are available separately and reusable. They provide splash protection during soldering and cleaning processes. To order specify correct part number, see page J-23.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
J-19
www.ittcannon.com
C&K L Series Miniature Slide Switches
DETENT
1 2
WITH DETENT Standard with all maintained models: L101, L102, L103, L104, L113, L201, L202, L203 and L204. WITHOUT DETENT Standard with all momentary models: L112, L123, and L212.
MOUNTING STYLE
MS
PC THRU-HOLE, 2 POSITION MODELS
.200 (5,08) .150 TRAVEL (3,81) .760 (19,30) .200 (5,08) .125 TYP (3,18) .070 TYP (1,78) .181 TYP (4,60) .221 TYP (5,61) .288 (7,32) .050 X .020 TYP (1,27) X (0,51) 6 5 4
J Slide
.425 (10,79)
.225 TYP (5,71) 3 2 1 .181 TYP (4,60)
AVAILABLE WITH:
.225 TYP (5,70)
Models: L101, L102, L112, L103, L113 L123, L201, L202, L203, L104 and L204 Terminations: 02, 06, 10 and 12 Actuators: 01, 02, 03, 05, 11 and 12 PC MOUNTING For mounting information, see TERMINATIONS section, page J-21. Splash caps are available separately and reusable, see page J-23.
TERMINAL NOS. FOR REFERENCE ONLY
.065 DIA (1,65) TYP
L203011MS02Q
PC THRU-HOLE, 3 POSITION MODELS
.425 (10,80) .358 (9,09) .181 TYP (4,60) .160 TYP (4,06) TRAVEL .125 (3,18) .941 (23,90) .200 (5,08) .200 (5,08) .070 TYP (1,78) .226 (5,74)
DP3T
.225 (5,08)
PC THRU HOLE, 4 POSITION MODELS
.425 (10,79) .200 (5,08) .170 TRAVEL (4,32) TYP .288 (7,32) .050 X .020 TYP (1,27) X (0,51) 10 9 8 7 6
.225 TYP (5,71) 5 4 3 2 1 .181 TYP (4,60)
.225 TYP (5,70)
1.122 (28,50) .181 TYP (4,60) .070 TYP (1,78) .232 TYP (5,89) .050 TYP (1,27)
TERMINAL NOS. FOR REFERENCE ONLY
.065 DIA (1,65) TYP
MA
RIGHT ANGLE, PC THRU-HOLE AVAILABLE WITH:
.100 (2,54)
.550 (13,97)
.335 (8,51)
.412 (10,46)
.181 TYP (4,60)
Models: L201, L202, L113 and L123 Terminations: 04 Actuators: 02 and 12 PC MOUNTING
.800 (20,32) .200 (5,08)
.130 (3,30) TRAVEL .125 (3,16) .256 (6,50) .100 TYP (2,54) .215 (5,46) .272 (6,91)
For mounting information, see TERMINATIONS section, page J-21. Splash caps are available separately and reusable, see page J-23.
L202021MA04Q Horizontal Actuation
DPDT
RIGHT ANGLE, PC, SP-3 POSITION MODELS
.335 (8,51) .412 (10,46) .140 (4,06) TRAVEL 0.941 (23,90) .200 (5,08) .181 TYP (4,60) 4 3 2 1 .100 TYP (2,54)
.400 (10,16)
4 3 2 1
TERM. NOS. FOR REFERENCE ONLY .100 TYP (2,54) .256 (6,50) .215 (5,46)
0.125 (3,18)
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
J-20
www.ittcannon.com
C&K L Series Miniature Slide Switches
MOUNTING STYLE
ML
RIGHT ANGLE, PC THRU-HOLE
AVAILABLE WITH: Models: L101, L102, L112 Terminations: 04 Actuators: 01, 02, 05, 11 and 12 PC MOUNTING For mounting information, see TERMINATIONS section, page J-21. Splash caps are available separately and reusable, see page J-23.
L102021ML04Q Horizontal Actuation
SPDT
MV
J
RIGHT ANGLE, PC THRU-HOLE
Slide
AVAILABLE WITH: Models: L112 and L212 Terminations: 02, 06, 10 and 12 Actuators: 13 thru 19 PC MOUNTING For mounting information, see TERMINATIONS section, page J-21. Splash caps are available separately and reusable, see page J-23.
L212132MV02Q
DPDT
SS
PANEL WITH MOUNTING EARS .425 (10,60) .358 (9,09) .181 TYP (4,60) 1.200 (30,48) 1.000 (25,40) 6 5 .200 (5,08) .200 (5,08) 4 .070 TYP (1,78) .240 .060 (6,10) (1,52) .760 (19,30)
PANEL MOUNTING .225 (5,72) .135 (3,43)
6 5 4
3 2 1
1.000 (25,40)
.360 (9,14)
L202011SS03Q
.150 (3,81) TRAVEL
.110 DIA (2,79o) TYP AVAILABLE WITH: Models: L101, L102, L112, L201 and L202 Terminations: 01, 02, 03, 06, 10, 12 Actuators: 01, 02, 03, 05, 11 and 12
DPDT
.125 (3,18)
TS
PANEL WITH INTEGRAL MOUNTING EARS PANEL MOUNTING .425 (10,80) .070 TYP (1,78) .240 (6,10) .100 DIA TYP (2,54o) .125 R TYP (3,18) .135 (3,43)
1.000 (25,40) .941 (23,90)
8 7 6 .160 TYP (4,06) TRAVEL .200 (5,08) 5 .181 (4,60) TYP .200 (5,08) .358 (9,09) .840 (21,34) 7 6 5
4 3 2 1
1.000 (25,40)
.530 (13,46)
L203011TS03Q
DP3T
.110 DIA (2,79o) .225 (5,72) .324 (8,23) AVAILABLE WITH: Models: L103, L113, L123 and L203 Terminations: 01, 02, 03, 06, 10, 12 Actuators: 01, 02, 03, 05, 11 and 12
.125 (3,18)
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
J-21
www.ittcannon.com
C&K L Series Miniature Slide Switches
TERMINATIONS
`MS, MV, SS & TS' Mounting Styles Only
02
PC THRU-HOLE .226 (5,74)
01
SOLDER LUG WITH NOTCH .240 (6,10) .062 (1,57) .028 (0,71)
03
SOLDER LUG WITH HOLE .085 (2,16) .240 (6,10)
10
PC THRU-HOLE .226 (5,74)
.060 (1,52) .080 (2,03)
.050 (1,27) .020 THK. (0,51)
.080 (2,03) .020 THK. (0,51) `01' terminations
.080 (2,03)
.046 (1,17) .020 THK. (0,51)
.080 (2,03)
.272 (6,91) .050 (1,27) .020 THK. (0,51)
only.
`MA & ML' Mounting Styles Only
WIRE WRAP
12
PC THRU-HOLE
06
04
.445 (11,30) .050 (1,27)
PC THRU-HOLE
J Slide
.263 (6,68) .080 (2,03)
.219 (10,64)
.065 (1,65) .080 (2,03)
.050 (1,27)
.085 (2,16) .080 (2,03)
.256 (6,50)
.020 THK. (0,51)
.020 THK. (0,51)
.050 (1,27)
.020 THK. (0,51)
.187 TYP. (4,75)
.181 TYP. (4,60) .225 (5,72) .065 DIA (1,65o) TYP.
.181 TYP. (4,60) .272 (6,91) .065 DIA (1,65o) TYP. All 2 position models with `04' terminations and `MA' mounting style.
.065 DIA (1,65o TYP. All models with `04' terminations and `ML' mounting style.
.181 TYP. (4,60) .225 (5,72) .065 DIA (1,65o) TYP.
.181 TYP. (4,60) .272 (6,91) .065 DIA (1,65o) TYP.
.225 (5,72) .065 DIA (1,65o) TYP.
.181 TYP. (4,60)
.181 TYP. (4,60) .272 (6,91) .065 DIA (1,65o) TYP.
All 2 position models, except `04' terminations.
All 2 position models with `04' terminations and `MA' mounting style.
All 3 position models, except `04' terminations.
All 3 position models, with `10' terminations.
All 4 position models, with `10' terminations.
CONTACT MATERIAL
OPTION CODE RoHS COMPLIANT RoHS COMPLIANT CONTACT MATERIAL LOW LEVEL/DRY CIRCUIT RATINGS LX0X, LX1X MODELS: 4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC; 0.5 AMP @ 125 V DC (UL/CSA). LX6X MODELS: 4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC (UL/CSA).
Q
YES
YES
SILVER 2
B
YES
YES
GOLD 1
POWER
0.4 VA MAX. @20 V AC OR DC max. LX0X, LX1X MODELS: 0.4 VA MAX. @ 20 V AC or DC MAX. or 4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC; 0.5 AMP @ 125 V DC (UL/CSA). LX6X MODELS: 0.4 VA MAX. @ 20 V AC or DC MAX. or 4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC (UL/CSA).
G
YES
GOLD OVER YES SILVER 3
LOW LEVEL/DRY CIRCUIT OR POWER
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 2 3
CONTACTS & TERMINALS: Copper, with gold plate over nickel plate. CONTACTS & TERMINALS: Copper, silver plated (standard with all termination options). CONTACTS & TERMINALS: Copper, with gold plate over nickel plate over silver plate.
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
All models
with all options (except `01' termination) when ordered with
`G' or `Q' contact material. Models with `01' termination option only.
NOTE: `G' contact material is equivalent to both `B' and `Q' contact materials.
SEAL
NONE
NO SEAL
E
EPOXY SEAL EPOXY
.075 MAX. (1,91)
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
J-22
www.ittcannon.com
C&K L Series Miniature Slide Switches
AVAILABLE HARDWARE
Cap Compatible with 13-19 actuators Cap Compatible with 13-19 actuators .375 DIA. (9,53 ) .250 (6,35) .155 (3,94) PART NO. PART NO. .120 (3,05) PART NO. .138 (3,51) .250 (6,35) Cap Compatible with 13-19 actuators .310 DIA. (7,87 )
.120 (3,05)
.200 DIA. (5,08 )
708902000 BLACK 708903000 RED
Material: Nylon Finish: Gloss
752702000 BLACK 752703000 RED
Material: Nylon Finish: Gloss
801802000 BLACK 801803000 RED
Material: Nylon Finish: Gloss Cap Compatible with 13-19 actuators
J Slide
Cap Compatible with 13-19 actuators
Cap Compatible with 13-19 actuators
.450 SQ. (11,43) .195 (4,95)
.240 (6,10)
PART NO.
PART NO.
PART NO.
PART NO.
894002000 BLACK 894003000 RED
Material: Nylon Finish: Gloss
894102000 BLACK 894103000 RED
Material: Nylon Finish: Gloss
484602000 BLACK 484603000 RED
Material: Nylon Finish: Gloss
798202263 BLACK 798203000 RED
Material: Nylon Finish: Matte
Cap Compatible with 01-05 actuators
Splash Cap
Splash Cap
Fits `MS' mounting style, LXX1 & LXX2 models only. PART NO.
Fits `MV' mounting style, LX1X models only. PART NO.
120100602 BLACK
Material: Nylon Finish: Matte
PART NO.
120100300
Material: Nylon
120100200
Material: Nylon
Splash Cap
NOTE: Other colors available, consult Customer Service Center.
PART NO. Fits `MA' mounting style, LXX3 models only.
120100400
Material: Nylon
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
J-23
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of L203011MS02B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X